Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045-ASST Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Fiches technique(HTML) 2 Page - ams AG

  AS5045-ASST Datasheet HTML 1Page - ams AG AS5045-ASST Datasheet HTML 2Page - ams AG AS5045-ASST Datasheet HTML 3Page - ams AG AS5045-ASST Datasheet HTML 4Page - ams AG AS5045-ASST Datasheet HTML 5Page - ams AG AS5045-ASST Datasheet HTML 6Page - ams AG AS5045-ASST Datasheet HTML 7Page - ams AG AS5045-ASST Datasheet HTML 8Page - ams AG AS5045-ASST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − General Description
• Serial read-out of multiple interconnected AS5045 devices
using Daisy Chain mode
• Tolerant to magnet misalignment and airgap variations
• Wide temperature range: - 40ºC to 125ºC
• Small Pb-free package: SSOP-16 (5.3mm x 6.2mm)
Applications
The AS5045 is ideal for industrial applications like
• Robotics,
• Stepper motor control,
• RC servo control and
• Replacement of high-end potentiometers.
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS5045 Block Diagram
DSP
Hall Array
&
Frontend
Amplifier
Absolute
Interface
(SSI)
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM
CLK
Mode
Prog_DI
CSn
PWM
Interface
OTP
Register
VDD5V
VDD3V3
LDO 3.3V
AS5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47