Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045-ASST Fiches technique(PDF) 11 Page - ams AG

No de pièce AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Fiches technique(HTML) 11 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 7Page - ams AG AS5045-ASST Datasheet HTML 8Page - ams AG AS5045-ASST Datasheet HTML 9Page - ams AG AS5045-ASST Datasheet HTML 10Page - ams AG AS5045-ASST Datasheet HTML 11Page - ams AG AS5045-ASST Datasheet HTML 12Page - ams AG AS5045-ASST Datasheet HTML 13Page - ams AG AS5045-ASST Datasheet HTML 14Page - ams AG AS5045-ASST Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ams Datasheet
Page 11
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Timing Characteristics
Figure 10:
Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Synchronous Serial Interface (SSI)
tDO active
Data output activated
(logic high)
Time between falling edge of
CSn and data output
activated
100
ns
tCLK FE
First data shifted to
output register
Time between falling edge of
CSn and first falling edge of
CLK
500
ns
TCLK / 2
Start of data output
Rising edge of CLK shifts out
one bit at a time
500
ns
tDO valid
Data output valid
Time between rising edge of
CLK and data output valid
357
375
394
ns
tDO tristate
Data output tristate
After the last bit DO changes
back to “tristate”
100
ns
tCSn
Pulse width of CSn
CSn = high; To initiate
read-out of next angular
position
500
ns
fCLK
Read-out frequency
Clock frequency to read out
serial data
>0
1
MHz
Pulse Width Modulation Output
fPWM
PWM frequency
Signal period = 4097μs ±5%
at TAMB = 25°C
232
244
256
Hz
Signal period = 4097μs ±10%
at TAMB = -40 to 125°C
220
244
268
PWMIN
Minimum pulse width
Position 0d; Angle 0°
0.95
1
1.05
μs
PWMAX
Maximum pulse width
Position 4095d; Angle
359.91°
3891
4096
4301
μs
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47