| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3977 Fiches technique(PDF) 46 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3977 Fiches technique(HTML) 46 Page - ams AG |
|
46 / 47 page ![]() www.austriamicrosystems.com/AS3977 Revision 3.6 46 - 47 AS3977 Data Sheet - O r d e r i n g I n f o r m a t i o n 12 Ordering Information The devices are available as the standard products shown in Table 27. Where: T=Temperature range: B=-40…85 degree P=Package Type: QF=QFN D=Delivery Form S=Tray in DryPack T=Tape and Reel Note: All products are RoHS compliant and Pb-free. Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect For further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicrosystems.com/distributor Table 27. Ordering Information Device ID Part Number Description Delivery Form 1 1. Dry Pack sensitivity Level =3 according IPC/JEDEC J-STD-033A. Package AS3977-TPD AS3977B-BQFS Tray QFN16 4x4 AS3977B-BQFT Tape and Reel QFN16 4x4 |