Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3977 Fiches technique(PDF) 37 Page - ams AG

No de pièce AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Fiches technique(HTML) 37 Page - ams AG

Back Button AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
37 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Calculate the Division ratio
(EQ 20)
1. If the fractional part is larger than 0.5
FRAC <15:0> =
N= whole numbered part of
(EQ 21)
The A-Counter is the rest of the Division and can be calculated by:
(EQ 22)
2. If the fractional part is less than 0.5
FRAC <15:0> =
N = whole numbered part of
(EQ 23)
The A-Counter is the rest of the Division and can be calculated by:
AC = (DRINT - 7) - N x M
(EQ 24)
In case, the value of the A-counter is zero, the value of the A-counter has to be increased by M and the value of N has to be decreased by one
AC = AC + M
N = N - 1
(EQ 25)
In case, the N-counter is in the range from 16 to 31 and the value of the A-counter is less than N-counter-14:
INT <3:0> = N - 16
INT <7:4> = AC - 1
(EQ 26)
Note:
In case, no solution can be found for the wanted center frequency, it may help to modify the reference frequency or INT<8>.
9.8.3 FSK Deviation Setting and Frequency Trimming
The frequency resolution
Δf is determined by the reference frequency fREF, the selected frequency band and the setting of INT<8> and can be
calculated with following equation:
Δf =
<8> +
(EQ 27)
9.8.3.1 FSK Deviation Setting
The FSK deviation DF is given by the frequency resolution
Δf and the setting of DF<7:0> and can be calculated with the help of:
DF =
<5:0> . DM
(EQ 28)
The deviation multiplier DM is determined by the setting of DF<7:6> according to the following table:
DF<7:6>
DM
0 (00)
1
1 (01)
2
2 (10)
4
3 (11)
16
DR
f
RF
Pf
REF
⋅
------------------
DR
INT
DR
FRAC
+
==
DR
FRAC
2
15
⋅
DR
INT
6
–
()
M
-----------------------------
AC
DR
INT
6
–
() NM
×
–
=
DR
FRAC
1
+
() 2
15
⋅
DR
INT
7
–
M
------------------------
PINT
(
⋅
1
)
f
REF
2
16
----------
⋅
ΔfDF
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47