Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3977 Fiches technique(PDF) 43 Page - ams AG

No de pièce AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Fiches technique(HTML) 43 Page - ams AG

Back Button AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG AS3977 Datasheet HTML 42Page - ams AG AS3977 Datasheet HTML 43Page - ams AG AS3977 Datasheet HTML 44Page - ams AG AS3977 Datasheet HTML 45Page - ams AG AS3977 Datasheet HTML 46Page - ams AG AS3977 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
43 - 47
AS3977
Data Sheet - M e a s u r e m e n t R e s u l t s
Figure 18. Occupied bandwidth with bypass gaussian filter, Occupied bandwidth: 49.7kHz, Freq Mod: 5kHz, Deviation: 10kHz
Figure 19. Occupied bandwidth with gaussian filter, Occupied bandwidth: 30kHz, Freq Mod: 5kHz, Deviation: 10kHz
10.0.1 Applicable Radio Standards
ARIB STD-T67 (Telemeter, Telecontrol and Data-Transmission Radio Equipment)
ETSI EN 300 220
FCC CFR 47 Part 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47