Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5070 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce ADP5070
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Fiches technique(HTML) 15 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices ADP5070 Datasheet HTML 12Page - Analog Devices ADP5070 Datasheet HTML 13Page - Analog Devices ADP5070 Datasheet HTML 14Page - Analog Devices ADP5070 Datasheet HTML 15Page - Analog Devices ADP5070 Datasheet HTML 16Page - Analog Devices ADP5070 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADP5073
Rev. A | Page 15 of 17
COMMON APPLICATIONS
Table 8 and Table 9 list a number of common component
selections for typical VIN and VOUT conditions. These have been
bench tested and provide an off the shelf solution. To optimize
components for an application, it is recommended to use the
ADIsimPower tool set.
Figure 25 shows the schematic referenced by Table 8 and Table 9
with example component values for a +5 V input to a −15 V
output. Table 8 shows the components common to all VIN and
VOUT conditions.
Table 8. Recommended Common Components Selections
Reference
Value (µF)
Part Number
Manufacturer
CIN
10
TMK316B7106KL-TD
Taiyo Yuden
CVREG
1
GRM188R71A105KA61D
Murata
CVREF
1
GRM188R71A105KA61D
Murata
RC
240Ω
CC
470nF
VIN
+12V
L1
4.7µH
D1
DFLS240L
RFB
158kΩ
CVREF
1µF
CVREG
1µF
RFT
1.15MΩ
ADP5073
COMP
VREG
SS
EN
GND
AVIN
PVIN
SLEW
SYNC/FREQ
FB
SW
VREF
VOUT
–5V
COUT
10µF
ON
OFF
PWRGD
PWRGD
CIN
10µF
RPG
1MΩ
Figure 25. Typical +12 V Input to −5 V Output, 1.2 MHz Application
Table 9. Recommended Inverting Regulator Components
VIN
(V)
VOUT
(V)
Freq.
(MHz)
L1
(µH)
L1, Coilcraft®
COUT
(µF)
COUT, Murata
D1, Diodes,
Inc.
RFT
(MΩ)
RFB
(kΩ)
CC
(nF)
RC
(kΩ)
3.3
−2.5
1.2
4.7
XAL4030-472ME_
10
GRM32ER71H106KA12L
DFLS240L
0.432
107
150
1
3.3
−2.5
2.4
2.2
XAL4020-222ME_
10
GRM32ER71H106KA12L
DFLS240L
0.432
107
33
2.2
3.3
−3.3
1.2
4.7
XAL4030-472ME
10
GRM32ER71H106KA12L
DFLS240L
0.532
102
68
2
3.3
−3.3
2.4
2.2
XAL4020-222ME_
10
GRM32ER71H106KA12L
DFLS240L
0.532
102
15
4.3
3.3
−5
1.2
4.7
XAL4030-472ME
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
22
4.7
3.3
−5
2.4
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
12
6.8
5
−5
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
47
3
5
−5
2.4
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
10
6.8
5
−15
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
6.8
20
5
−15
2.4
5.6
LPS5030-562MR_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
2.2
36
5
−30
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.12
107
1.5
91
5
−30
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
4.12
107
1
91
12
−2.5
1.2
6.8
XAL4030-682ME_
10
GRM32ER71H106KA12L
DFLS240L
0.432
107
220
0.68
12
−2.5
2.4
3.3
XAL4030-332ME_
10
GRM32ER71H106KA12L
DFLS240L
0.432
107
47
1.3
12
−5
1.2
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
68
2
12
−5
2.4
5.6
LPS5030-562MR_
10
GRM32ER71H106KA12L
DFLS240L
1.15
158
20
3.3
12
−15
1.2
22
XAL5050-223ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
22
9
12
−15
2.4
10
XAL4040-103ME_
10
GRM32ER71H106KA12L
DFLS240
2.32
118
3.3
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com