Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8544EBVTARGA Fiches technique(PDF) 100 Page - NXP Semiconductors

No de pièce MPC8544EBVTARGA
Description  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTARGA Fiches technique(HTML) 100 Page - NXP Semiconductors

Back Button MPC8544EBVTARGA Datasheet HTML 96Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 97Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 98Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 99Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 100Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 101Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 102Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 103Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
100
Freescale Semiconductor
Thermal
International Electronic Research Corporation (IERC)818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Millennium Electronics (MEI)408-436-8770
Loroco Sites
671 East Brokaw Road
San Jose, CA 95112
Internet: www.mei-thermal.com
Tyco Electronics800-522-6752
Chip Coolers™
P.O. Box 3668
Harrisburg, PA 17105-3668
Internet: www.chipcoolers.com
Wakefield Engineering603-635-2800
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Several
heat sinks offered by Aavid Thermalloy, Advanced Thermal Solutions, Alpha Novatech, IERC, Chip
Coolers, Millennium Electronics, and Wakefield Engineering offer different heat sink-to-ambient thermal
resistances, that will allow the MPC8544E to function in various environments.
20.3.1
Internal Package Conduction Resistance
For the packaging technology, shown in Table 70, the intrinsic internal conduction thermal resistance paths
are as follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-board thermal resistance