| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8544EBVTARGA Fiches technique(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8544EBVTARGA Fiches technique(HTML) 98 Page - NXP Semiconductors |
|
98 / 117 page ![]() MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 98 Freescale Semiconductor Thermal Figure 60. System Level Thermal Model for MPC8544E (Not to Scale) The Flotherm library files of the parts have a dense grid to accurately capture the laminar boundary layer for flow over the part in standard JEDEC environments, as well as the heat spreading in the board under the package. In a real system, however, the part will require a heat sink to be mounted on it. In this case, the predominant heat flow path will be from the die to the heat sink. Grid density lower than currently in the package library file will suffice for these simulations. The user will need to determine the optimal grid for their specific case. Solder and Air (29 × 29 × 0.58 mm) Kx 0.034 W/m•K Ky 0.034 Kz 12.1 Table 72. MPC8544EThermal Model (continued) Conductivity Value Units Bump Underfill Section A-A A A Top View Die Substrate Solder/Air |