Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8544EBVTARGA Fiches technique(PDF) 88 Page - NXP Semiconductors

No de pièce MPC8544EBVTARGA
Description  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTARGA Fiches technique(HTML) 88 Page - NXP Semiconductors

Back Button MPC8544EBVTARGA Datasheet HTML 84Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 85Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 86Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 87Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 88Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 89Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 90Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 91Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
88
Freescale Semiconductor
Package Description
SD2_REF_CLK
AF2
I
XVDD
—
SD2_TST_CLK
AG4
—
—
—
SD2_TST_CLK
AF4
—
—
—
General-Purpose Output
GPOUT[0:7]
AF22, AH23, AG27, AH25, AF21, AF25, AG26,
AF26
OOVDD
—
General-Purpose Input
GPIN[0:7]
AH24, AG24, AD23, AE21, AD22, AF23, AG25,
AE20
IOVDD
—
System Control
HRESET
AG16
I
OVDD
—
HRESET_REQ
AG15
O
OVDD
21
SRESET
AG19
I
OVDD
—
CKSTP_IN
AH5
I
OVDD
—
CKSTP_OUT
AA12
O
OVDD
2, 4
Debug
TRIG_IN
AC5
I
OVDD
—
TRIG_OUT/READY/
QUIESCE
AB5
O
OVDD
5, 8, 15,
21
MSRCID[0:1]
Y7, W9
O
OVDD
4, 5, 8
MSRCID[2:4]
AA9, AB6, AD5
O
OVDD
5, 15, 21
MDVAL
Y8
O
OVDD
5
CLK_OUT
AE16
O
OVDD
10
Clock
RTC
AF15
I
OVDD
—
SYSCLK
AH16
I
OVDD
—
JTAG
TCK
AG28
I
OVDD
—
TDI
AH28
I
OVDD
11
TDO
AF28
O
OVDD
10
TMS
AH27
I
OVDD
11
TRST
AH22
I
OVDD
11
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More