Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-GCX Fiches technique(PDF) 47 Page - List of Unclassifed Manufacturers

No de pièce BCRT-GCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GCX Fiches technique(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button BCRT-GCX Datasheet HTML 43Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 50Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Packaging-8
D
1.800 ± 0.025
36-Lead Flatpack, Dual Cavity (100-MIL Lead Spacing)
TOP VIEW
END VIEW
E
0.750 ± 0.015
Notes:
1 All package finishes are per MIL-M-38510.
2. It is recommended that package ceramic be mounted to
aheatremovalraillocatedontheprintedcircuitboard.
A thermally conductive material such as MERECO XLN-589 or
equivalent should be used.
3. Letter designations are for cross-reference to MIL-M-38510.
PIN 1 I.D.
(Geometry Optional)
L
0.490
MIN.
b
0.015 ± 0.002
e
0.10
c
0.008
+ 0.002
- 0.001
Q
0.080 ± 0.010
(At Ceramic Body)
A
0.130 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52