Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-GCX Fiches technique(PDF) 44 Page - List of Unclassifed Manufacturers

No de pièce BCRT-GCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GCX Fiches technique(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button BCRT-GCX Datasheet HTML 40Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 41Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 42Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 43Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Packaging-5
84-Lead Flatpack (50-MIL Lead Spacing)
SIDE VIEW
TOP VIEW
BOTTOM VIEW A-A
D/E
1.810 ± 0.015 SQ.
Notes:
1. All package finishes are per MIL-M-38510.
2. Letter designations are for cross-reference to MIL-M-38510.
DETAIL A
D1/E1
1.150 ± 0.012 SQ.
A
0.110
0.060
A
A
C
0.007 ± 0.001
LEAD KOVAR
SEE DETAIL A
PIN 1 I.D.
(Geometry
Optional)
b
0.016 ± 0.002
L
0.260
MIN.
REF.
S1
0.005 MIN. TYP.
0.050
e
0.014 MAX.
REF.
(At Braze Pads)
0.018 MAX. REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52