Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-GCX Fiches technique(PDF) 46 Page - List of Unclassifed Manufacturers

No de pièce BCRT-GCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GCX Fiches technique(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button BCRT-GCX Datasheet HTML 42Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 43Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Packaging-7
SIDE VIEW
TOP
BOTTOM VIEW A-A
D
1.100 ± 0.020
PIN 1 I.D.
(Geometry Optional)
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10 11
Notes:
1 True position applies to pins at base plane (datum C).
2 True position applies at pin tips.
3. All packages finishes are per MIL-M-38510.
4. Letter designations are for cross-reference to MIL-M-38510.
PIN 1 I.D.
(Geometry Optional)
D1/E1
1.00
0.003 MIN. TYP.
e
0.100
TYP.
A
0.130 MAX.
Q
0.050 ± 0.010
L
0.130 ± 0.010
A
A
-A-
-B-
E
1.100 ± 0.020
-C-
(Base Plane)
68-Pin Pingrid Array
0.030
0.010 C
A
B
1
2
C
∅
∅
b
0.010 ± 0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52