Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLP12840 Fiches technique(PDF) 47 Page - Zilog, Inc.

No de pièce ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Fiches technique(HTML) 47 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 43Page - Zilog, Inc. ZLP12840 Datasheet HTML 44Page - Zilog, Inc. ZLP12840 Datasheet HTML 45Page - Zilog, Inc. ZLP12840 Datasheet HTML 46Page - Zilog, Inc. ZLP12840 Datasheet HTML 47Page - Zilog, Inc. ZLP12840 Datasheet HTML 48Page - Zilog, Inc. ZLP12840 Datasheet HTML 49Page - Zilog, Inc. ZLP12840 Datasheet HTML 50Page - Zilog, Inc. ZLP12840 Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Program Memory Paging Register
ZLP12840 OTP MCU
Product Specification
36
Program Memory Paging Register
Bit 0 of the Program Memory Paging Register determines which 64KB bank of program
memory is read during the execution of the LDC and LDCI instructions. See Table 16.
Table 16. Program Memory Paging Register (PMPR)
Bit
7
6
5
4
3
2
1
0
Field
Page Toggle Enable
Reserved
Page Register
Reset
0
XX
X
XX
X0
R/W
R/W
——
—
———
R/W
Address
Bank Independent: F0h; Linear: 0F0h
Bit
Position
Value Description
[7]
0
1
Page Toggle Enable
PMPR[0] changes only when written by software.
If PMPR[0]=0, the CPU toggles PMPR[0] when LDCI increments past FFFFh.
[6:1]
—
Reserved—Reads 111111b; write 000000b for compatibility with possible future
devices.
[0]
0
1
Page Register
LDC, LDCI instructions access Page 0.
LDC, LDCI instructions access Page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58