| Moteur de recherche de fiches techniques de composants électroniques |
|
ZLP12840 Fiches technique(PDF) 45 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZLP12840 Fiches technique(HTML) 45 Page - Zilog, Inc. |
|
45 / 58 page ![]() PS024406-0106 P R E L I M I N A R Y Register File ZLP12840 OTP MCU Product Specification 34 ÍÎÐ ýûîí åÍ»¬ ©±®µ·²¹ ®»¹·-¬»® ¹®±«° î ·² ¾¿²µ í ÔÜ Îðô ýûëë åÔ±¿¼ ëë ·²¬± ©±®µ·²¹ ®»¹·-¬»® Îð ·² ¬¸» ½«®®»²¬ å¹®±«° ¿²¼ ¾¿²µ ø´·²»¿® ¿¼¼®»-- íîð¸÷ ÍÎÐ ýûïî åÍ»¬ ©±®µ·²¹ ®»¹·-¬»® ¹®±«° ï ·² ¾¿²µ î ÔÜ Îêô ýûðí åÔ±¿¼ ¸·¹¸ ¾§¬» ±º -±«®½» ´·²»¿® ¿¼¼®»-- øðíîð¸÷ ÔÜ Îéô ýûîð åÔ±¿¼ ´±© ¾§¬» ±º -±«®½» ´·²»¿® ¿¼¼®»-- øðíîð¸÷ ÔÜ Îðô àÎÎê åÔ±¿¼ ´·²»¿® ¿¼¼®»-- íî𸠽±²¬»²¬- øëë¸÷ ·²¬± 婱®µ·²¹ ®»¹·-¬»® Îð ·² ¬¸» ½«®®»²¬ ¹®±«° ¿²¼ 徿²µ ø´·²»¿® ¿¼¼®»-- îïð¸÷ As it can be seen in the above example, the source register is referenced via a linear address value contained within registers R6 and R7, whereas the destination is referenced via the SRP setting and a working register. Further explanation of the use of the LDX and LDXI instructions can be found in the Z8 LXM CPU Core User Manual (UM0183). The LDE and LDEI instructions that existed in the Z8 CPU are no longer valid; they have been replaced by the LDX and LDXI instructions. Note: |