Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 155 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 155 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 151Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 152Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 153Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 154Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 155Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 156Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 157Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 158Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 159Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
155 of 183
11.3 Examples of Bus Timing for Local Bus PCI Bridge Mode Operation
Figure 11-5. 8-Bit Read Cycle
Intel Mode (LIM = 0)
Arbitration Enabled (LARBE = 1)
Bus Transaction Time = 4 LCLK (LRDY = 0100)
An attempted access by the host causes the local bus to request the bus. If bus access has not been granted
(
LBGACK deasserted), the timing shown at the top of the page applies, with LHOLD being asserted. Once
LHLDA is detected, the local bus grabs the bus for 32 to 1,048,576 clocks and then releases it. If the bus has
already been granted (
LBGACK asserted), the timing shown at the bottom of the page applies.
LCLK
LHOLD
LHLDA
LBGACK
32 to 1,048,576 LCLKs
LA[19:0]
LD[7:0]
LD[15:8]
LRD
LWR
Address Valid
LBHE
Tri-state
Tri-State
Tri-State
Tri-State
LCLK
12
3
4
Note: LA, LD,
LBHE, LWR, and LRD are tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More