Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 87 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 87 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 83Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 84Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 85Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 86Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 87Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 88Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 89Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 90Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 91Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
87 of 183
Host Actions
The host typically handles the receive DMA as follows:
1) The host is always trying to make free data buffer space available and therefore tries to fill the free-
queue descriptor.
2) The host either polls, or is interrupted, when some incoming packet data is ready for processing.
3) The host then reads the done-queue descriptor circular queue to find out which channel has data
available, what the status is, and where the receive packet descriptor is located.
4) The host then reads the receive packet descriptor and begins processing the data.
5) The host then reads the next descriptor pointer in the link-listed chain and continues this process
until either a number (from 1 to 7) of descriptors have been processed or an end of packet has been
reached.
6) The host then checks the done-queue descriptor circular queue to see if any more data buffers are
ready for processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More