Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 152 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 152 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 148Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 149Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 150Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 151Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 152Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 153Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 154Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 155Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 156Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
152 of 183
Figure 11-4. Local Bus Access Flowchart
PCI Host Initiates a
Local Bus Access
Is Arbitration Enabled
for the Local Bus?
Is the Local Bus
Granted?
Is the External Local Bus
Ready (
LRDY) Being Used?
Normal Access
Occurs
Local Bus Access
Progresses
Local Bus Access
Progresses
Timer Expired?
LRDY Active?
Start 9 Clock Timer
Set the LBE Status Bit
No
Yes
Yes
No
No
No
Yes
Yes
No
Yes
PCI Target Retry
Issued
Are there 16 Clocks
Remaining?
No
Yes
Request
the Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More