Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 158 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 158 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 154Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 155Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 156Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 157Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 158Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 159Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 160Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 161Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 162Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
158 of 183
Figure 11-8. 16-Bit Write (Only Upper 8 Bits Active) Cycle
Intel Mode (LIM = 0)
Arbitration Disabled (LARBE = 0)
Bus Transaction Time = Timed from
LRDY (LRDY = 0000)
LCLK
LA[19:0]
LD[7:0]
LD[15:8]
LWR
LRD
Address Valid
LBHE
LRDY
Data Valid
123456
7
8
9
10
Note: The
LRDY signal must be detected by the 9th LCLK or the bus access attempted by the host is unsuccessful and the
LBE status bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More