| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 145 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 145 Page - NXP Semiconductors |
|
145 / 316 page ![]() Analog-to-Digital Converter (S08ADCV1) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 145 converter yields the lower code (and vice-versa). However, even very small amounts of system noise can cause the converter to be indeterminate (between two codes) for a range of input voltages around the transition voltage. This range is normally around ±1/2 LSB and will increase with noise. This error may be reduced by repeatedly sampling the input and averaging the result. Additionally the techniques discussed in Section 9.6.2.3 will reduce this error. Non-monotonicity is defined as when, except for code jitter, the converter converts to a lower code for a higher input voltage. Missing codes are those values which are never converted for any input value. In 8-bit or 10-bit mode, the ADC is guaranteed to be monotonic and to have no missing codes. |