Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 127 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 127 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors HCS08 Datasheet HTML 125Page - NXP Semiconductors HCS08 Datasheet HTML 126Page - NXP Semiconductors HCS08 Datasheet HTML 127Page - NXP Semiconductors HCS08 Datasheet HTML 128Page - NXP Semiconductors HCS08 Datasheet HTML 129Page - NXP Semiconductors HCS08 Datasheet HTML 130Page - NXP Semiconductors HCS08 Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 316 page
background image
Analog-to-Digital Converter (S08ADCV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
127
9.3.2
Status and Control Register 2 (ADCSC2)
The ADCSC2 register is used to control the compare function, conversion trigger and conversion active
of the ADC module.
Figure 9-5. Status and Control Register 2 (ADCSC2)
01000
AD8
11000
AD24
01001
AD9
11001
AD25
01010
AD10
11010
AD26
01011
AD11
11011
AD27
01100
AD12
11100
Reserved
01101
AD13
11101
VREFH
01110
AD14
11110
VREFL
01111
AD15
11111
Module disabled
76
54
3
2
10
RADACT
ADTRG
ACFE
ACFGT
00
R1
1 Bits 1 and 0 are reserved bits that must always be written to 0.
R1
W
Reset:
00
00
0
0
00
= Unimplemented or Reserved
Table 9-4. ADCSC2 Register Field Descriptions
Field
Description
7
ADACT
Conversion Active — ADACT indicates that a conversion is in progress. ADACT is set when a conversion is
initiated and cleared when a conversion is completed or aborted.
0 Conversion not in progress
1 Conversion in progress
6
ADTRG
Conversion Trigger Select — ADTRG is used to select the type of trigger to be used for initiating a conversion.
Two types of trigger are selectable: software trigger and hardware trigger. When software trigger is selected, a
conversion is initiated following a write to ADCSC1. When hardware trigger is selected, a conversion is initiated
following the assertion of the ADHWT input.
0 Software trigger selected
1 Hardware trigger selected
Figure 9-4. Input Channel Select (continued)
ADCH
Input Select
ADCH
Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com