Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 120 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 120 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 316 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADCV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
120
Freescale Semiconductor
9.1.2
Alternate Clock
The ADC module is capable of performing conversions using the MCU bus clock, the bus clock divided
by two, the local asynchronous clock (ADACK) within the module, or the alternate clock, ALTCLK. The
alternate clock for the MC9S08SG8 MCU devices is the external reference clock (ICSERCLK).
The selected clock source must run at a frequency such that the ADC conversion clock (ADCK) runs at a
frequency within its specified range (fADCK) after being divided down from the ALTCLK input as
determined by the ADIV bits.
ALTCLK is active while the MCU is in wait mode provided the conditions described above are met. This
allows ALTCLK to be used as the conversion clock source for the ADC while the MCU is in wait mode.
ALTCLK cannot be used as the ADC conversion clock source while the MCU is in either stop2 or stop3.
9.1.3
Hardware Trigger
The ADC hardware trigger, ADHWT, is the output from the real time counter (RTC). The RTC counter
can be clocked by either ICSERCLK, ICSIRCLK or a nominal 1 kHz clock source.
The period of the RTC is determined by the input clock frequency, the RTCPS bits, and the RTCMOD
register. When the ADC hardware trigger is enabled, a conversion is initiated upon an RTC counter
overflow. The RTIE does not have to be set for RTC to cause a hardware trigger.
The RTC can be configured to cause a hardware trigger in MCU run, wait, and stop3.
9.1.4
Temperature Sensor
To use the on-chip temperature sensor, the user must perform the following:
•
Configure ADC for long sample with a maximum of 1 MHz clock
•
Convert the bandgap voltage reference channel (AD27)
— By converting the digital value of the bandgap voltage reference channel using the value of
VBG the user can determine VDD. For value of bandgap voltage, see Section A.6, “DC
Characteristics”.
•
Convert the temperature sensor channel (AD26)
— By using the calculated value of VDD, convert the digital value of AD26 into a voltage, VTEMP
Equation 9-1 provides an approximate transfer function of the on-chip temperature sensor.
TempC = 25 - ((VTEMP - VTEMP25)  m
Eqn. 9-1
where:
•VTEMP is the voltage of the temperature sensor channel at the ambient temperature.
•VTEMP25 is the voltage of the temperature sensor channel at 25C.
•
m is the hot or cold voltage versus temperature slope in V/
C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com