| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 178 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 178 Page - NXP Semiconductors |
|
178 / 316 page ![]() Inter-Integrated Circuit (S08IICV2) MC9S08SG8 MCU Series Data Sheet, Rev. 8 178 Freescale Semiconductor Figure 11-12. Typical IIC Interrupt Routine Clear Master Mode ? Tx/Rx ? Last Byte Transmitted ? RXAK=0 ? End of Addr Cycle (Master Rx) ? Write Next Byte to IICD Switch to Rx Mode Dummy Read from IICD Generate Stop Signal Read Data from IICD and Store Set TXACK =1 Generate Stop Signal 2nd Last Byte to Be Read ? Last Byte to Be Read ? Arbitration Lost ? Clear ARBL IAAS=1 ? IAAS=1 ? SRW=1 ? TX/RX ? Set TX Mode Write Data to IICD Set RX Mode Dummy Read from IICD ACK from Receiver ? Tx Next Byte Read Data from IICD and Store Switch to Rx Mode Dummy Read from IICD RTI YN Y Y Y Y Y Y Y Y Y N N N N N N N N N Y TX RX RX TX (Write) (Read) N IICIF Address Transfer Data Transfer (MST = 0) (MST = 0) See Note 1 NOTES: 1 If general call is enabled, a check must be done to determine whether the received address was a general call address (0x00). If the received address was a general call address, then the general call must be handled by user software. 2 When 10-bit addressing is used to address a slave, the slave sees an interrupt following the first byte of the extended address. User software must ensure that for this interrupt, the contents of IICD are ignored and not treated as a valid data transfer. See Note 2 |