Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 170 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 170 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 166Page - NXP Semiconductors HCS08 Datasheet HTML 167Page - NXP Semiconductors HCS08 Datasheet HTML 168Page - NXP Semiconductors HCS08 Datasheet HTML 169Page - NXP Semiconductors HCS08 Datasheet HTML 170Page - NXP Semiconductors HCS08 Datasheet HTML 171Page - NXP Semiconductors HCS08 Datasheet HTML 172Page - NXP Semiconductors HCS08 Datasheet HTML 173Page - NXP Semiconductors HCS08 Datasheet HTML 174Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 316 page
background image
Inter-Integrated Circuit (S08IICV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
170
Freescale Semiconductor
NOTE
When transitioning out of master receive mode, the IIC mode should be
switched before reading the IICD register to prevent an inadvertent
initiation of a master receive data transfer.
In slave mode, the same functions are available after an address match has occurred.
The TX bit in IICC must correctly reflect the desired direction of transfer in master and slave modes for
the transmission to begin. For instance, if the IIC is configured for master transmit but a master receive is
desired, reading the IICD does not initiate the receive.
Reading the IICD returns the last byte received while the IIC is configured in master receive or slave
receive modes. The IICD does not reflect every byte transmitted on the IIC bus, nor can software verify
that a byte has been written to the IICD correctly by reading it back.
In master transmit mode, the first byte of data written to IICD following assertion of MST is used for the
address transfer and should comprise of the calling address (in bit 7 to bit 1) concatenated with the required
R/W bit (in position bit 0).
11.3.6
IIC Control Register 2 (IICC2)
Table 11-8. IICD Field Descriptions
Field
Description
7–0
DATA
Data — In master transmit mode, when data is written to the IICD, a data transfer is initiated. The most significant
bit is sent first. In master receive mode, reading this register initiates receiving of the next byte of data.
76
54
321
0
R
GCAEN
ADEXT
00
0
AD10
AD9
AD8
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 11-8. IIC Control Register (IICC2)
Table 11-9. IICC2 Field Descriptions
Field
Description
7
GCAEN
General Call Address Enable. The GCAEN bit enables or disables general call address.
0 General call address is disabled
1 General call address is enabled
6
ADEXT
Address Extension. The ADEXT bit controls the number of bits used for the slave address.
0 7-bit address scheme
1 10-bit address scheme
2–0
AD[10:8]
Slave Address. The AD[10:8] field contains the upper three bits of the slave address in the 10-bit address
scheme. This field is only valid when the ADEXT bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com