Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC21LV32 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 6Page - Microchip Technology MIC21LV32 Datasheet HTML 7Page - Microchip Technology MIC21LV32 Datasheet HTML 8Page - Microchip Technology MIC21LV32 Datasheet HTML 9Page - Microchip Technology MIC21LV32 Datasheet HTML 10Page - Microchip Technology MIC21LV32 Datasheet HTML 11Page - Microchip Technology MIC21LV32 Datasheet HTML 12Page - Microchip Technology MIC21LV32 Datasheet HTML 13Page - Microchip Technology MIC21LV32 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MIC21LV32
DS20006513A-page 10
 2021 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =12V; VOUT =1.5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA =+25°C.
FIGURE 2-1:
VIN Operating Current vs.
Input Voltage.
FIGURE 2-2:
VIN Quiescent Current vs.
Input Voltage.
FIGURE 2-3:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-4:
VIN Operating Current vs.
Temperature.
FIGURE 2-5:
VIN Quiescent Current vs.
Temperature.
FIGURE 2-6:
VIN Shutdown Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
50
52
54
56
58
60
62
64
66
68
70
5
6
7
8
9
10
11
12
13
14
15
16
Input Voltage (V)
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
5
6789
10
11
12
13
14
15
16
Input Voltage (V)
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
5
6
7
8
9
10111213141516
Input Voltage (V)
50
52
54
56
58
60
62
64
66
68
70
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
0.105
0.107
0.109
0.111
0.113
0.115
0.117
0.119
0.121
0.123
0.125
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com