Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC21LV32 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 17Page - Microchip Technology MIC21LV32 Datasheet HTML 18Page - Microchip Technology MIC21LV32 Datasheet HTML 19Page - Microchip Technology MIC21LV32 Datasheet HTML 20Page - Microchip Technology MIC21LV32 Datasheet HTML 21Page - Microchip Technology MIC21LV32 Datasheet HTML 22Page - Microchip Technology MIC21LV32 Datasheet HTML 23Page - Microchip Technology MIC21LV32 Datasheet HTML 24Page - Microchip Technology MIC21LV32 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2021 Microchip Technology Inc.
DS20006513A-page 21
MIC21LV32
4.2
Start-up Into Pre-Bias Load
To get proper pre-bias start-up performance, the voltage
at the junction of CINJ and RINJ needs to be at its
steady-state value when the device starts switching.
This is done by biasing the RIP_INJ pin voltage using a
current source (IBIAS) at the RIP_INJ pin and a resistor
(RBIAS) at the RIP_INJ pin before the device starts
switching. The Injection (INJ) driver will be in
High-Impedance mode before the device starts switch-
ing. This results in a voltage equal to IBIAS x RBIAS at the
RIP_INJ pin before switching starts. This voltage
charges the CINJ cap to the value of IBIAS x RBIAS. As the
CINJ takes time to charge to the final voltage, depending
on the CINJ x (RINJ + RFB(BOT)), the IBIAS should be
enabled before the switching starts. The MIC21LV32
has a POK delay of ≈4 ms (i.e., when EN is high, the
device starts switching after ≈4 ms). Therefore, this 4 ms
delay is enough to charge CINJ to the final value. Once
the device starts switching, the IBIAS will no longer have
any effect as the ripple injection driver will be either high
or low (the ripple injection driver will not be in
High-Impedance mode when the device starts
switching).
FIGURE 4-4:
Circuit to Obtain Proper
Pre-Bias Start-up Performance and Ripple
Injection.
IBIAS is an internal current source. RBIAS is an external
resistor from RIP_INJ to AGND. RBIAS can be
calculated using the formula below:
EQUATION 4-3:
Note that as RBIAS is always present, it draws an
additional current from the INJ driver when the RIP_INJ
pin is 5V for 100 ns. This adds to the device’s IQ.
However, its contribution to the device’s IQ will be low
because this current will be present for 100 ns only.
4.3
Stability Analysis
The MIC21LV32 uses ripple-based constant on-time
architecture to generate switching pulses. The magni-
tude of the ripple needs to be in the range of 20 mV to
70 mV. In order to avoid ripple voltage variation with
input voltage, ripple voltage is injected from the third
node through the RIP_INJ pin. Figure 4-5 shows the
ripple injection at the FBS node with respect to the
reference voltage.
FIGURE 4-5:
MIC21LV32 Ripple Injection
at FBS Node.
The
output
capacitors
generally
have
three
components. The capacitive ripple lags the inductor
current ripple. The ESR ripple is in phase with the
inductor current. The ESL ripple effect is minimal in
low-voltage capacitors.
AGND
1
st DH
DETECTION
100 ns
1-SHOT
PULSE
VDD
INJECTION
DRIVER
LOGIC
INJ_ON
DH
RIP_INJ
FBS
IBIAS
VDD
RINJ
CNJ
FEEDFORWARD
1
0.6V
GFB
CFF
VOUT
RBIAS
MIC21LV32
RFB(TOP)
RFB(BOT)
0.6V
VREF_COM
VREF
Where:
5V × 100 ns × fSW = Average Voltage on the RIP_INJ Pin
RBIAS =
5V × 100 ns × fSW
IBIAS
CONTROL
LOGIC
ON TIME
GENERATION
ON TIME
GENERATION
HSD
HSD
LSD
LSD
VIN
gm
+
-
VREF(0.6V)
FEEDFORWARD
+
-
Vgm
VREF_COM
Fixed ON Time
Cycle starts when
VREF_COM = Vgm
RIPPLE
INJECTION
DRIVER
1
+
-
Vgm
FBS
GFB
VOUT
RFB(TOP)
RFB(BOT)
COM
RSA
RINJ
CINJ
CFF
VREF_COM(0.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com