| Moteur de recherche de fiches techniques de composants électroniques |
|
USB82642 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82642 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 64 page ![]() 2012-2021 Microchip Technology Inc. DS60001253F-page 17 USB82642 6.0 PIN RESET STATES 6.1 Pin Reset States TABLE 6-1: LEGEND FOR PIN RESET STATES Symbol Description 0 Output driven low 1 Output driven high IP Input enabled PU Hardware enables pull-up PD Hardware enables pull-down none Hardware disables pad - Hardware disables function Z Hardware disables pad. Both output driver and input buffers are disabled. TABLE 6-2: USB82642 RESET STATES Pin Pin Name Reset State Function Input/ Output PU/ PD 1 USBDN_DM2 USBDN_DM2 IP PD 2 USBDN_DP2 USBDN_DP2 IP PD 3 USBDN_DM3 USBDN_DM3 IP PD 4 USBDN_DP3 USBDN_DP3 IP PD 6 PRTCTL2 PRTCTL 0 - 7 PRTCTL3 PRTCTL 0 - 8 SPI_CE_N SPI_CE_N 1 - 9 SPI_CLK/SCL_EP IO 0 - 10 SPI_DO/SDA_EP/SPI_SPD_SEL IO 0 PD 11 SPI_DI SPI_DI IP PD 13 SD_WP IO 0 - 14 SD_nCD IO IP PU 17 SD_D1 none Z - 18 SD_D0 none Z - |