Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB82642 Fiches technique(PDF) 50 Page - Microchip Technology

No de pièce USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Fiches technique(HTML) 50 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 46Page - Microchip Technology USB82642 Datasheet HTML 47Page - Microchip Technology USB82642 Datasheet HTML 48Page - Microchip Technology USB82642 Datasheet HTML 49Page - Microchip Technology USB82642 Datasheet HTML 50Page - Microchip Technology USB82642 Datasheet HTML 51Page - Microchip Technology USB82642 Datasheet HTML 52Page - Microchip Technology USB82642 Datasheet HTML 53Page - Microchip Technology USB82642 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
USB82642
DS60001253F-page 50
2012-2021 Microchip Technology Inc.
10.0 PACKAGE INFORMATION
10.1
Package Marking Information
USB82642Ax
lllryyww
tttttttttttt
cc
3
e
48-VQFN (7x7 mm)
Legend:
<SMR>
USB82642A
x
lll
r
yy
ww
tttttttttttt
cc
e3
SMSC logo
Product
Kind of package (refer to Product Identification System)
Lot sequence code
Chip revision number
Last two digits of assembly year
Assembly week
Tracking number (up to 12 characters)
Country of original abbreviation (optional – up to 2 characters)
Pb free symbol
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
Standard device marking consists of Microchip part number, year code, week code and traceability
code. For device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
*
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64