| Moteur de recherche de fiches techniques de composants électroniques |
|
USB82642 Fiches technique(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82642 Fiches technique(HTML) 59 Page - Microchip Technology |
|
59 / 64 page ![]() 2012-2021 Microchip Technology Inc. DS60001253F-page 59 USB82642 APPENDIX B: ACRONYMS The following is a list of the general terms used throughout this document: TABLE B-1: ACRONYMS Acronym Description EOF End of (micro) Frame EOP End of Packet FS Full-Speed Device HS Hi-Speed Device I2C Inter-Integrated Circuit LS Low-Speed Device LUN Logical Unit Number MMC MultiMediaCard OCS Over-current Sense PHY Physical Layer PLL Phase-Locked Loop VQFN Very Thin Quad Flat No Leads RoHS Restriction of Hazardous Substances directive SDC Secure Digital Controller SDIO Secure Digital Input Output |