| Moteur de recherche de fiches techniques de composants électroniques |
|
ADL6317ACCZ-R7 Fiches technique(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL6317ACCZ-R7 Fiches technique(HTML) 24 Page - Analog Devices |
|
24 / 38 page ![]() ADL6317 Data Sheet Rev. B | Page 24 of 38 REGISTER SUMMARY Table 21. Register Summary Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 0x000 ADI_SPI_ CONFIG [7:0] SOFTRESET_ LSB_ FIRST_ ENDIAN_ SDOACTIVE_ SDOACTIVE ENDIAN LSB_ FIRST SOFTRESET 0x00 R/W 0x001 REG_0X0001 [7:0] SINGLE_ INSTRUCTION CSB_ STALL MASTER_ SLAVE_RB RESERVED SOFT_RESET MASTER_ SLAVE_ TRANSFER 0x00 R/W 0x003 CHIPTYPE [7:0] CHIPTYPE 0x00 R 0x004 PRODUCT_ ID_L [7:0] PRODUCT_ID[7:0] 0x00 R 0x005 PRODUCT_ ID_H [7:0] PRODUCT_ID[15:8] 0x00 R 0x00A SCRATCHPAD [7:0] SCRATCHPAD 0x00 R/W 0x00B SPI_REV [7:0] SPI_REV 0x00 R 0x010 VARIANT_ FEOL [7:0] FEOL VARIANT 0x00 R 0x011 BEOL_SIF [7:0] SIF BEOL 0x01 R 0x012 SPARE_012 [7:0] SPARE_012 0x00 R 0x013 SPARE_013 [7:0] SPARE_013 0x00 R 0x100 SIG_PATH0_0 [7:0] DAC_EN AMUX_ BG_EN ADC_EN EN_IBIASGEN DSA_EN VVA_EN RESERVED 0x40 R/W 0x101 SIG_PATH1_0 [7:0] RESERVED IP3_OFF LDO33_EN 0x01 R/W 0x102 SIG_PATH2_0 [7:0] RESERVED DSA_ATTEN_0 0x3F R/W 0x103 SIG_PATH3_0 [7:0] VVA_ATTEN[7:0] 0x00 R/W 0x104 SIG_PATH4_0 [7:0] RESERVED VVA_ATTEN[11:8] 0x00 R/W 0x105 SIG_PATH5_0 [7:0] RESERVED VVA_SRC 0x00 R/W 0x106 SIG_PATH6_0 [7:0] RESERVED EN_IBIASGEN_ RESISTOR 0x00 R/W 0x107 SIG_PATH7_0 [7:0] BYPASS_TRM_ AMP1_IREF_0 RESERVED TRM_AMP1_ IREF_SEL_0 TRM_AMP1_IREF_0 0x00 R/W 0x108 SIG_PATH8_0 [7:0] BYPASS_TRM_ AMP1_EN_0 RESERVED AMP1_EN_0 0x00 R/W 0x109 SIG_PATH9_0 [7:0] BYPASS_TRM_ AMP2_IREF_0 RESERVED TRM_AMP2_ IREF_SEL_0 TRM_AMP2_IREF_0 0x00 R/W 0x10A SIG_PATHA_0 [7:0] BYPASS_TRM_ AMP2_EN_0 RESERVED AMP2_EN_0 0x00 R/W 0x10B SIG_PATHB_0 [7:0] SPARE_10B TRM_AMP2_CB 0x00 R/W 0x112 SIG_PATH2_1 [7:0] RESERVED DSA_ATTEN_1 0x20 R/W 0x117 SIG_PATH7_1 [7:0] BYPASS_TRM_ AMP1_IREF_1 RESERVED TRM_AMP1_ IREF_SEL_1 TRM_AMP1_IREF_1 0x00 R/W 0x118 SIG_PATH8_1 [7:0] BYPASS_TRM_ AMP1_EN_1 RESERVED AMP1_EN_1 0x00 R/W 0x119 SIG_PATH9_1 [7:0] BYPASS_TRM_ AMP2_IREF_1 RESERVED TRM_AMP2_ IREF_SEL_1 TRM_AMP2_IREF_1 0x00 R/W 0x11A SIG_PATHA_1 [7:0] BYPASS_TRM_ AMP2_EN_1 RESERVED AMP2_EN_1 0x00 R/W 0x11B SIG_PATHB_1 [7:0] SPARE_11B TRM_AMP2_IP3 0x00 R/W 0x120 AMUX_SEL [7:0] RESERVED AMUX_3_SEL AMUX_2_ SEL AMUX_1_SEL 0x20 R/W 0x121 MULTI_FUNC_ CTRL_0111 [7:0] RESERVED SPI_1P8_ 3P3_CTRL AMUX_EX 0x00 R/W 0x127 ADC_ CONTROL_ [7:0] RESERVED ADC_CLOCK_ DIV_EN ADC_MUX_ SEL RESERVED ADC_CLK_FREQ 0x00 R/W 0x128 ADC_EOC [7:0] RESERVED ADC_EOC 0x00 R 0x129 ADC_OUT [7:0] TEMP_ADC_OUT 0x00 R 0x146 GENERIC_ READBACK_2 [7:0] VVA_ATTEN_RDBK[7:0] 0x00 R 0x147 GENERIC_ READBACK_3 [7:0] RESERVED VVA_ATTEN_RDBK[11:8] 0x00 R 0x148 GENERIC_ READBACK_4 [7:0] RESERVED DSA_ATTEN_RDBK 0x00 R |