Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADL6317ACCZ-R7 Fiches technique(PDF) 23 Page - Analog Devices

No de pièce ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Fiches technique(HTML) 23 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 23 of 38
CHARACTERIZATION SETUPS
The primary setup used to characterize the ADL6317 is shown in
Figure 49. The setup measures gain, HD2, HD3, OIP2, and OIP3.
RFOUT
RFIN
3dB
COMBINER
PC CONTROLLER
AGILENT PXA N9030B
SPECTRUM ANALYZER
KEITHLEY S46
SWITCH SYSTEM
ROHDE & SCHWARZ
SMA100A SIGNAL GENERATOR
ROHDE & SCHWARZ
SMA100A SIGNAL GENERATOR
ADL6317
EVALUATION BOARD
3dB
4-WIRE SPI PROGRAMMING
AUXILIARY
MUX
BOARD SUPPLY
Figure 49. General Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38