Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADL6317ACCZ-R7 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Fiches technique(HTML) 32 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 32 of 38
Address: 0x109, Reset: 0x00, Name: SIG_PATH9_0
Bypass Fused Value of TRM_AMP2_IREF_0
Amplifier 2 I
REF Trim 0
Amplifier 2 I
REF Trim Select 0
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP2_IREF_0 (R/W)
[3:0] TRM_AMP2_IREF_0 (R/W)
[6:5] RESERVED
[4] TRM_AMP2_IREF_SEL_0 (R/W)
Table 42. Bit Descriptions for SIG_PATH9_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP2_IREF_0
Bypass Fused Value of TRM_AMP2_IREF_0
0x0
R/W
[6:5]
RESERVED
Reserved
0x0
R
4
TRM_AMP2_IREF_SEL_0
Amplifier 2 IREF Trim Select 0
0x0
R/W
[3:0]
TRM_AMP2_IREF_0
Amplifier 2 IREF Trim 0
0x0
R/W
Address: 0x10A, Reset: 0x00, Name: SIG_PATHA_0
Bypas s Fus ed Value of AMP2_EN_0
Internal Trim Data
Enable Am plifier 2 (TXEN=0)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BYPASS_TRM_AMP2_EN_0 (R/W)
[0] AMP2_EN_0 (R/W)
[6:1] RESERVED
Table 43. Bit Descriptions for SIG_PATHA_0
Bits
Bit Name
Description
Reset
Access
7
BYPASS_TRM_AMP2_EN_0
Bypass Fused Value of AMP2_EN_0 Internal Trim Data
0x0
R/W
[6:1]
RESERVED
Reserved
0x0
R
0
AMP2_EN_0
Enable Amplifier 2 (TXEN = 0)
0x0
R/W
Address: 0x10B, Reset: 0x00, Name: SIG_PATHB_0
Spare Regis ter 0x10B
Am plifier 2 Com m on Bas e Trim
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] SPARE_10B (R/W)
[1:0] TRM_AMP2_CB (R/W)
Table 44. Bit Descriptions for SIG_PATHB_0
Bits
Bit Name
Description
Reset
Access
[7:2]
SPARE_10B
Spare Register 0x10B
0x0
R/W
[1:0]
TRM_AMP2_CB
Amplifier 2 Common Base Trim
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38