Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP80 Fiches technique(PDF) 86 Page - NXP Semiconductors

No de pièce MPC885ZP80
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP80 Fiches technique(HTML) 86 Page - NXP Semiconductors

Back Button MPC885ZP80 Datasheet HTML 79Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 80Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 81Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 82Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 83Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 84Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 85Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 86Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 87Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
86
Freescale Semiconductor
Document Revision History
0.4
5/2003
Changed the pin descriptions for PD8 and PD9.
0.3
05/2003
Corrected the signals that had overlines on them.
0.2
05/2003
Made the changes to the RMII Timing, Made sure all the VDDL, VDDH, and GND show up on the
pinout diagram. Changed the SPI Master Timing Specs. 162 and 164.
0.1
04/2003
Added pinout and pinout assignments table. Added the USB timing to Section 14. Added the
Reduced MII to Section 15. Removed the Data Parity. Made some changes to the Features list.
0
02/2003
Initial revision.
Table 40. Document Revision History (continued)
Revision
Number
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87