Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP80 Fiches technique(PDF) 35 Page - NXP Semiconductors

No de pièce MPC885ZP80
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP80 Fiches technique(HTML) 35 Page - NXP Semiconductors

Back Button MPC885ZP80 Datasheet HTML 31Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 32Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 33Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 34Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 35Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 36Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 37Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 38Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
35
Bus Signal Timing
Figure 23 provides the timing for the synchronous external master access controlled by the GPCM.
Figure 23. Synchronous External Master Access Timing (GPCM Handled—ACS = 00)
Figure 24 provides the timing for the asynchronous external master memory access controlled by the
GPCM.
Figure 24. Asynchronous External Master Memory Access Timing (GPCM Controlled—ACS = 00)
Figure 25 provides the timing for the asynchronous external master control signals negation.
Figure 25. Asynchronous External Master—Control Signals Negation Timing
CLKOUT
TS
A[0:31],
TSIZ[0:1],
R/W, BURST
CSx
B41
B42
B40
B22
CLKOUT
AS
A[0:31],
TSIZ[0:1],
R/W
CSx
B39
B40
B22
AS
CSx, WE[0:3],
OE, GPLx,
BS[0:3]
B43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87