Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP80 Fiches technique(PDF) 26 Page - NXP Semiconductors

No de pièce MPC885ZP80
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP80 Fiches technique(HTML) 26 Page - NXP Semiconductors

Back Button MPC885ZP80 Datasheet HTML 22Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 23Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 24Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 25Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 26Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 27Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 28Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 29Page - NXP Semiconductors MPC885ZP80 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
26
Freescale Semiconductor
Bus Signal Timing
Figure 10 provides the timing for the synchronous input signals.
Figure 10. Synchronous Input Signals Timing
Figure 11 provides normal case timing for input data. It also applies to normal read accesses under the
control of the user-programmable machine (UPM) in the memory controller.
Figure 11. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31]
B16
B17
B19
B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87