| Moteur de recherche de fiches techniques de composants électroniques |
|
EDSTRG28PLCCCX Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG28PLCCCX Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 78 page ![]() AVAILABLE DEVELOPMENT SYSTEM SUPPORT TOOLS 1–14 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 available development system support tools The TMS370 family is fully supported by TI development tools that facilitate simplified software development for prompt market introduction of new products. These tools include an assembler, an optimizing C compiler, a linker, a C source debugger, a design kit, a starter kit, and a third-party microcontroller programmer from BP Microsystems. All of these tools work together by using an IBM-compatible PC as the host and central control element. This allows the user to select the host computer and text management as well as editing tools according to system requirements. Additionally, the TMS370 in-circuit emulator (XDS and CDT370) allows the user to immediately begin designing, testing, and debugging the system upon specification. The reason for this is straightforward: the emulator itself is modular and configurable, thereby eliminating the need to produce a new emulator for each TMS370 configuration. For a list of the available development system support tools, identified by device category, refer to the TMS370 Development System Support Tools table (see Table 5) or to the specific TMS370 subfamily data sheet. For more detailed information on the development system support tools, refer to the TMS370 8-Bit Microcontroller User’s Guide (literature number SPNU127) or to the documents listed in the section titled related documentation from Texas Instruments. |