| Moteur de recherche de fiches techniques de composants électroniques |
|
EDSTRG28PLCCCX Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG28PLCCCX Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 78 page ![]() FUNCTIONAL-BLOCK-DIAGRAM GENERALIZATION 1–11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 functional-block-diagram generalization This section contains a functional-block-diagram generalization for the TMS370 microcontroller subfamilies (that is, ’x0x, ’x1x, ’x2x, ’x32, ’x36, ’x4x, ..., ’xCx). Because this diagram is a generalization, it depicts all the modules available for the TMS370 families, noting that no one TMS370 device contains all available options. The diagram also shows the basic internal connections among the major architectural features that are identified in the selection guide (see Table 4). For a functional block diagram of a specific TM370 subfamily, the pinouts, the descriptions of the pinouts, and descriptions of the external connection names, refer to the applicable data sheet. |