| Moteur de recherche de fiches techniques de composants électroniques |
|
EDSTRG28PLCCCX Fiches technique(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
EDSTRG28PLCCCX Fiches technique(HTML) 65 Page - Texas Instruments |
|
65 / 78 page ![]() QUALITY CONTROL PROVISION 3–11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 grounded conditions (minimum of once a week) A visual inspection must be made to determine full compliance with this specification at static-free workstations during handling of static-sensitive items, including operator being grounded as required, static-sensitive items not being handled in unprotected or unauthorized areas, and no static-generating materials at the grounded workstation. sleeve protectors (minimum of once a week) A visual check must be made to determine that each operator wearing loose-fitting or long-sleeved clothing either has sleeves properly rolled or covered with sleeve protectors and is properly grounded with a wrist strap to the bare skin. static voltage levels (minimum of once a week) In addition to the visual inspections, a sample inspection using an electrostatic voltmeter to check for uncontrolled electrostatic voltages at or near electrostatic-controlled workstations. conductive floor tiles (minimum of once a month) Conductive floors must have a resistance of not less than 100 k Ω from any point on the tile to earth ground. Also, resistance from any point-to-point on the tile floor three (3) feet apart must be not less than100 k Ω. The test methods to be used are ASTM-F-150-72 and NFPA 99. records Written records must be kept of all ESD QC audits. training Training is applicable for all areas where individuals come in contact with ESD-sensitive devices. It is the responsibility of each area supervisor to make sure that his/her people receive ESD training initially and every 12 months thereafter to maintain proficiency. Training may include static fundamentals, a review of applicable parts of this specification guideline, and actual applications in the work area. |