| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3464T-E/ST Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3464T-E/ST Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 108 page ![]() MCP3461/2/4 DS20006180D-page 10 2019-2021 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS(1) Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD = 2.7V to 3.6V, DVDD =1.8V to AVDD +0.1V, DGND =AGND =0V. Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistance Thermal Resistance, 20-Lead TSSOP JA —44— °C/W Thermal Resistance, 20-Lead UQFN JA —50— °C/W Note 1: The internal Junction Temperature (TJ) must not exceed the absolute maximum specification of +150°C. TABLE 1-1: SPI SERIAL INTERFACE TIMING SPECIFICATIONS FOR DVDD = 2.7V TO 3.6V Electrical Specifications: DVDD = 2.7V to 3.6V, TA = -40°C to +125°C, CLOAD =30 pF. See Figure 1-1. Parameters Symbol Min. Typ. Max. Units Conditions Serial Clock Frequency fSCK —— 20 MHz CS Setup Time tCSS 25 — — ns CS Hold Time tCSH 50 — — ns CS Disable Time tCSD 50 — — ns Data Setup Time tSU 5— — ns Data Hold Time tHD 10 — — ns Serial Clock High Time tHI 20 — — ns Serial Clock Low Time tLO 20 — — ns Serial Clock Delay Time tCLD 50 — — ns Serial Clock Enable Time tCLE 50 — — ns Output Valid from SCK Low tDO — — 25 ns Output Hold Time tHO 0— — ns Output Disable Time tDIS — — 25 ns Measured with 1.5 mA pull-up current source on SDO pin POR IRQ Disable Time tCSIRQ — — 52 ns Measured with 1.5 mA pull-up current source on IRQ pin Output Valid from CS Low tCSSDO — — 25 ns SDO toggles to logic low at each communication start (CS falling edge) |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |