Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3464T-E/ST Fiches technique(PDF) 95 Page - Microchip Technology

No de pièce MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Fiches technique(HTML) 95 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 91Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 92Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 93Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 94Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 95Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 96Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 97Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 98Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 95
MCP3461/2/4
9.0
PACKAGING INFORMATION
9.1
Package Marking Information(2)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note 1:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the
next line, thus limiting the number of available characters for customer-specific information.
2:
Denotes the device default SPI address option. Device only responds to SPI commands if CMD[7:6]
matches the SPI device address for each command (see
Section 6.2.2 “Device Address
Bits (CMD[7:6])”).
3:
The 20-Lead TSSOP package allows up to 8 characters per line as shown here. Currently only 7
characters are being used as shown in the example.
3
e
3
e
Part Number
Code
SPI Device Address
MCP3461T-E/NC
AAE
01(2)
MCP3462T-E/NC
AAF
01(2)
MCP3464T-E/NC
AAG
01(2)
XXX
20-Lead UQFN (3 x 3 x 0.55 mm)
PIN 1
YYWW
NNN
AAE
Example
PIN 1
2112
256
XXXXXXXX
20-Lead TSSOP (6.5 x 4.4 x 1 mm)(3)
XXXXXNNN
YYWW
MCP3464
Example
EST 256
2112
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com