Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3464T-E/ST Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 21Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 22Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 23Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 24Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 25Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 26Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 27Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 28Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 25
MCP3461/2/4
3.3.4
SERIAL DATA INPUT PIN (SDI)
This is the SPI data input pin and it uses Schmitt
Trigger structure. When CS is logic low, this pin is used
to send a COMMAND byte just after the CS falling
edge, which can be followed by data words of various
lengths. Data are clocked into the device on the rising
edge of SCK. Toggling SDI while reading a register has
no effect.
3.4
IRQ/MDAT
This is the digital output pin. This pin can be configured
for Interrupt (IRQ) or Modulator Data (MDAT) output
using
the
IRQ_MODE[1]
bit
setting.
When
IRQ_MODE[1] = 0 (default), this pin can output all four
possible interrupts (see Section 6.8 “Interrupts
Description”). The inactive state of the pin is
selectable through the IRQ_MODE[0] bit setting
(high-Z or logic high).
When IRQ_MODE[1] = 1, this pin outputs the modula-
tor output synchronously with AMCLK (that can be
selected as an output on the MCLK pin). In this mode,
the POR and CRC interrupts can still be generated as
they are high-level interrupts and will lock the
IRQ/MDAT pin to logic low until they are cleared.
When the IRQ pin is in High-Z mode, an external
pull-up resistor must be connected between DVDD and
the IRQ pin. The device needs to be able to detect a
Logic High state when no interrupt occurs in order to
function properly (the pad has a Schmitt Trigger input
to detect the state of the IRQ pin just like the user is
seeing it). The pull-up value can be equal to
100-200 k
 for a weak pull-up using the typical clock
frequency. The pull-up resistor value needs to be
chosen in relation with the load capacitance of the IRQ
output, the MCLK frequency and the DVDD supply
voltage, so that all interrupts can be detected correctly
by the SPI host device.
3.5
MCLK
This pin is either the MCLK digital input pin for the ADC
or the AMCLK digital output pin, depending on the
CLK_SEL[1:0] bits setting in the CONFIG0 register.
The typical clock frequency specified is 4.9152 MHz. To
optimize the ADC for accuracy and ensure proper oper-
ation, AMCLK should be limited to a certain range
depending on BOOST and GAIN settings. The higher
GAIN settings require higher BOOST settings to
maintain high bandwidth, as the input sampling
capacitors have a larger value. Figure 2-20 to
Figure 2-24 represent the typical accuracy (SINAD)
expected with the different combinations of BOOST
and GAIN settings, and can be used to determine an
optimal set for the application depending on the
sampling speed (AMCLK) chosen. MCLK can take
larger values as long as the prescaler settings
(PRE[1:0]) limit AMCLK = MCLK/PRESCALE in the
defined range in typical performance curves.
3.6
Digital Ground (DGND)
DGND is the ground connection to internal digital
circuitry. To ensure accuracy and noise cancellation,
DGND must be connected to the same ground as AGND,
preferably with a star connection. If a digital ground
plane is available, it is recommended for this pin to be
tied to this plane of the PCB. This plane should also
reference all other digital circuitry in the system. DGND
is not connected internally to AGND and must be
connected externally.
3.7
Digital Power Supply (DVDD)
DVDD is the power supply pin for the digital circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended
to
connect
appropriate
bypass
capacitors (typically a 10 µF ceramic in parallel with a
0.1 µF ceramic). DVDD is monitored by the DVDD POR
monitoring circuit for the digital section.
3.8
Analog Power Supply (AVDD)
AVDD is the power supply pin for the analog circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended
to
connect
appropriate
bypass
capacitors (typically a 10 µF ceramic in parallel with a
0.1 µF ceramic). AVDD is monitored by the AVDD POR
monitoring circuit for the analog section.
3.9
Analog Ground (AGND)
AGND is the ground connection to internal analog
circuitry. To ensure accuracy and noise cancellation,
this pin must be connected to the same ground as
DGND, preferably with a star connection. If an analog
ground plane is available, it is recommended that this
pin be tied to this plane of the PCB. This plane should
also reference all other analog circuitry in the system.
AGND is the biasing voltage for the substrate of the die
and is not connected internally to DGND.
3.10
Exposed Pad (EP)
This pad is internally connected to AGND. It must be
connected to the analog ground of the PCB for optimal
accuracy and thermal performance. This pad can also
be left floating if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com