Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT8601 Fiches technique(PDF) 91 Page - List of Unclassifed Manufacturers

No de pièce VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Fiches technique(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-85
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
VGA Extended Registers – Graphics Controller Indexed
GRE – Old Source Segment Address...............................RW
7-3
Reserved
........................................ always reads 0
2-1
Source Segment Address Select .............. default = 0
0
Reserved
........................................ always reads 0
GRE – New Source Segment Address..............................RW
7
Reserved
........................................ always reads 0
6-0
Source Segment Address Select .............. default = 0
Bit-1 is written inverted
GRF – Miscellaneous Extended Function Control ........ RW
7
Reserved
........................................ always reads 0
6
Character Clock Division Control Bit-1 (see bit-3)
00 No division ............................................ default
01 Divide by 2
10 Divide by 3
11 -reserved-
5
Symmetric / Asymmetric DRAM Address
0
Symmetric.............................................. default
1
Asymmetric
4
Compressed Chain 4 Mode for CPU Path
0
Disable................................................... default
1Enable
3
Character Clock Division Control Bit-0 (see bit-6)
2
Alternate Bank & Clock Select
0
Disable 3D8, 3D9, and 3xB................... default
1
Enable 3D8, 3D9, and 3xB
1
Compressed Chain 4 Mode Display Path
0
Disable................................................... default
1Enable
0
Source Segment Address Register Enable
0
Disable GRE.......................................... default
1Enable GRE
All bits except 2 and 0 are write protected by SRE_New[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More