Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT8601 Fiches technique(PDF) 46 Page - List of Unclassifed Manufacturers

No de pièce VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Fiches technique(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-40-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 61 - Shadow RAM Control 1 .................RW
7-6
CC000h-CFFFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
5-4
C8000h-CBFFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
3-2
C4000h-C7FFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
1-0
C0000h-C3FFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
Device 0 Offset 62 - Shadow RAM Control 2 .................RW
7-6
DC000h-DFFFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
5-4
D8000h-DBFFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
3-2
D4000h-D7FFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
1-0
D0000h-D3FFFh
00 Read/write disable ..................................default
01 Write enable
10 Read enable
11 Read/write enable
Device 0 Offset 63 - Shadow RAM Control 3................. RW
7-6
E0000h-EFFFFh
00 Read/write disable ................................. default
01 Write enable
10 Read enable
11 Read/write enable
5-4
F0000h-FFFFFh
00 Read/write disable ................................. default
01 Write enable
10 Read enable
11 Read/write enable
3-2
Memory Hole
00 None .................................................... default
01 512K-640K
10 15M-16M (1M)
11 14M-16M (2M)
1-0
SMI Mapping Control
00 Disable SMI Address Redirection ......... default
01 Allow access to DRAM Axxxx-Bxxxx for both
normal and SMI cycles
10 Reserved
11 Allow SMI Axxxx-Bxxxx DRAM access
Note: The A0000-BFFFF address range is reserved
for use by VGA controllers for system access to the
VGA frame buffer. Since frame buffer accesses are
normally directed to the system VGA controller (with
its separate memory subsystem), system DRAM
locations in the A0000-BFFFF range would normally
be unused.
Setting the above bits appropriately
allows this block of system memory to be used by
directing Axxxx-Bxxxx accesses to corresponding
memory addresses in system DRAM instead of
directing those accesses to the PCI bus for VGA
frame buffer access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More