Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT8601 Fiches technique(PDF) 69 Page - List of Unclassifed Manufacturers

No de pièce VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Fiches technique(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-63
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Port 236C – Graphics AGP Global & Chan 2 Control ..RW
31-26 Reserved
........................................ always reads 0
25-24 Sideband Address (SBA) Standby Latency Timer
23
High Priority Command Enable
0
Disable ...................................................default
1Enable
22
Long Read Command Enable
0
Disable ...................................................default
1Enable
21
System Side Channel 2 Priority
20
System Side Channel 1 Priority
19
System Side Channel 0 Priority
18
Reserved
........................................ always reads 0
17
Frame Buffer Channel 2 Priority
16
Frame Buffer Channel 1 Priority
15-5 Reserved
........................................ always reads 0
4-3
Channel 2 Read Operation Select
00 Disabled .................................................default
01 Read from Frame Buffer to AGP
10 Write from AGP to Capture / MPEG / FB
11 -reserved-
2
Channel 2 Interrupt Enable
0
Disable ...................................................default
1Enable
1-0
Channel 2 Write Target Select
00 Write to Frame Buffer ............................default
01 Write to Capture / MPEG / FB
1x -reserved-
Port 2370 –AGP Status..................................................... RW
31-18 Reserved
........................................ always reads 0
17
Channel 2 Interrupt Status
0
No interrupt pending.............................. default
1
Interrupt Pending
16
Channel 2 Busy Status
0
Idle
.................................................... default
1Busy
15-10 Reserved
........................................ always reads 0
9
Channel 1 Interrupt Status
0
No interrupt pending.............................. default
1
Interrupt Pending
8
Channel 1 Busy Status
0
Idle
.................................................... default
1Busy
7-2
Reserved
........................................ always reads 0
1
Channel 0 Interrupt Status
0
No interrupt pending.............................. default
1
Interrupt Pending
0
Channel 0 Busy Status
0
Idle
.................................................... default
1Busy
Graphics AGP Configuration Registers
Port 2380 – Graphics AGP Capability Identifier........... RW
31-0 xx
Port 2384 – Graphics AGP Status ................................... RW
31-0 xx
Port 2388 – Graphics AGP Command ............................ RW
31-0 xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More