Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VT8601 Fiches technique(PDF) 103 Page - List of Unclassifed Manufacturers

No de pièce VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Fiches technique(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 106Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-97
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CR62 – Enhancement 0.....................................................RW
7
Pause GE Operation (GEPAUSE)
0
Normal GE Operation ............................default
1
Pause GE Operation
6
PCI Retry for GE (ENGERTRY)
0
Disable ...................................................default
1Enable
5
Short Command (ENSHRT)
0
Disable ...................................................default
1Enable
4
Direct Read Even if GE is Busy (ENDIRRD)
0
Disable ...................................................default
1Enable
3
Reserved
........................................ always reads 0
2
Low Priority Arbitration Policy
0
Fixed Priority
1
Round Robin .........................................default
1
High Priority Arbitration Policy
0
Fixed Priority .........................................default
1
Round Robin
0
Frame Buffer Memory Size Select
0
8MB .....................................................default
14MB
CR63 – Enhancement 1 .................................................... RW
7-6
Reserved
........................................ always reads 0
5-4
Memory Folding Control
00 Normal................................................... default
01 FOLD6
10 FOLD7
11 -reserved-
3-2
Reserved
........................................ always reads 0
1-0
Extended FIFO Latency Control (LATV[5-4])
Combined with CR30
CR64 – DPA Extra
........................................................ RW
7
DPA On/Off
0
On
.................................................... default
1Off
6
DPA Bypass
0
Normal................................................... default
1Bypass
5-3
Reference Feedback Clock Delay
Maximum 2ns............................................. default = 0
2-0
Reference Internal Clock Delay
Maximum 2ns............................................. default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More