Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2012IPW Fiches technique(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Fiches technique(HTML) 71 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 67Page - Texas Instruments MSP430F2012IPW Datasheet HTML 68Page - Texas Instruments MSP430F2012IPW Datasheet HTML 69Page - Texas Instruments MSP430F2012IPW Datasheet HTML 70Page - Texas Instruments MSP430F2012IPW Datasheet HTML 71Page - Texas Instruments MSP430F2012IPW Datasheet HTML 72Page - Texas Instruments MSP430F2012IPW Datasheet HTML 73Page - Texas Instruments MSP430F2012IPW Datasheet HTML 74Page - Texas Instruments MSP430F2012IPW Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Port P1 (P1.4 to P1.7) pin functions, MSP430x20x3
CONTROL BITS / SIGNALS
PIN NAME (P1.X)
X
FUNCTION
P1DIR.x
P1SEL.x
USIP.x
SD16AE.x
INCHx
JTAG
Mode
P1.4/SMCLK/A2+/
TCK
4
P1.4† Input/Output
0/1
0
N/A
0
N/A
0
P1.4/SMCLK/A2+/
TCK
4
N/A
0
1
N/A
0
N/A
0
SMCLK
1
1
N/A
0
N/A
0
A2+ (see Note 3)
X
X
N/A
1
2
0
TCK (see Note 5)
X
X
N/A
X
X
1
P1.5/TA0/SCLK/A2−/
TMS
5
P1.5† Input/Output
0/1
0
X
0
N/A
0
P1.5/TA0/SCLK/A2−/
TMS
5
N/A
0
1
X
0
N/A
0
Timer_A2.TA0
1
1
X
0
N/A
0
SCLK
X
X
1
0
N/A
0
A2− (see Notes 3, 4)
X
X
X
1
2
0
TMS (see Note 5)
X
X
X
X
X
1
P1.6/TA1/SDO/SCL/A3+/
TDI
6
P1.6† Input/Output
0/1
0
X
0
N/A
0
P1.6/TA1/SDO/SCL/A3+/
TDI
6
Timer_A2.CCI1B
0
1
X
0
N/A
0
Timer_A2.TA1
1
1
X
0
N/A
0
SDO (SPI) / SCL (I2C)
X
X
1
0
N/A
0
A3+ (see Note 3)
X
X
X
1
3
0
TDI (see Note 5)
X
X
X
X
X
1
P1.7/SDI/SDA/A3−/
TDO/TDI
7
P1.7† Input/Output
0/1
0
X
0
N/A
0
P1.7/SDI/SDA/A3−/
TDO/TDI
7
N/A
0
1
X
0
N/A
0
DVSS
1
1
X
0
N/A
0
SDI (SPI) / SDA (I2C)
X
X
1
0
N/A
0
A3− (see Notes 3, 4)
X
X
X
1
3
0
TDO/TDI (see Notes 5, 6)
X
X
X
X
X
1
† Default after reset (PUC/POR)
NOTES:
1. N/A: Not available or not applicable.
2. X: Don’t care.
3. Setting the SD16AE.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when
applying analog signals.
4. With SD16AE.x = 0 the negative inputs are connected to VSS if the corresponding input is selected.
5. In JTAG mode the internal pull-up/down resistors are disabled.
6. Function controlled by JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80