| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2012IPW Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 80 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005 56 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION, MSP430x20x2 Port P1 (P1.0 to P1.2) pin functions, MSP430x20x2 PIN NAME (P1.X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P1.X) X FUNCTION P1DIR.x P1SEL.x ADC10AE.x INCHx P1.0/TACLK/ACLK/A0 0 P1.0† Input/Output 0/1 0 0 N/A P1.0/TACLK/ACLK/A0 0 Timer_A2.TACLK/INCLK 0 1 0 N/A ACLK 1 1 0 N/A A0 (see Note 3) X X 1 0 P1.1/TA0/A1 1 P1.1† Input/Output 0/1 0 0 N/A P1.1/TA0/A1 1 Timer_A2.CCI0A 0 1 0 N/A Timer_A2.TA0 1 1 0 N/A A1 (see Note 3) X X 1 1 P1.2/TA1/A2 2 P1.2† Input/Output 0/1 0 0 N/A P1.2/TA1/A2 2 Timer_A2.CCI1A 0 1 0 N/A Timer_A2.TA1 1 1 0 N/A A2 (see Note 3) X X 1 2 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. Setting the ADC10AE.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when applying analog signals. |