Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2012IPW Fiches technique(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Fiches technique(HTML) 65 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 61Page - Texas Instruments MSP430F2012IPW Datasheet HTML 62Page - Texas Instruments MSP430F2012IPW Datasheet HTML 63Page - Texas Instruments MSP430F2012IPW Datasheet HTML 64Page - Texas Instruments MSP430F2012IPW Datasheet HTML 65Page - Texas Instruments MSP430F2012IPW Datasheet HTML 66Page - Texas Instruments MSP430F2012IPW Datasheet HTML 67Page - Texas Instruments MSP430F2012IPW Datasheet HTML 68Page - Texas Instruments MSP430F2012IPW Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Port P2 (P2.7) pin schematics, MSP430x20x2
LFXT1 off
P2SEL.6
Bus
Keeper
EN
Direction
0: Input
1: Output
P2SEL.7
1
0
P2DIR.7
P2IN.7
P2IRQ.7
D
EN
Module X IN
1
0
Module X OUT
P2OUT.7
Interrupt
Edge
Select
Q
EN
Set
P2SEL.7
P2IES.7
P2IFG.7
P2IE.7
P2.7/XOUT
1
0
DVSS
DVCC
P2REN.7
Pad Logic
LFXT1 Oscillator
BCSCTL3.LFXT1Sx = 11
0
1
1
LFXT1CLK
From P2.6/XIN
P2.6/XIN/TA1
Port P2 (P2.7) pin functions, MSP430x20x2
PIN NAME (P2.X)
X
FUNCTION
CONTROL BITS / SIGNALS
PIN NAME (P2.X)
X
FUNCTION
P2DIR.x
P2SEL.x
P2.7/XOUT
7
P2.7 Input/Output
0/1
0
P2.7/XOUT
7
DVSS
0
1
XOUT† (see Note 3)
1
1
† Default after reset (PUC/POR)
NOTES:
1. N/A: Not available or not applicable.
2. X: Don’t care.
3. If the pin P2.7/XOUT is used as an input a current can flow until P2SEL.7 is cleared due to the oscillator output driver connection
to this pin after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80