Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RB715F Fiches technique(PDF) 1 Page - Rohm

No de pièce RB715F
Description  Schottky barrier diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RB715F Fiches technique(HTML) 1 Page - Rohm

  RB715F Datasheet HTML 1Page - Rohm RB715F Datasheet HTML 2Page - Rohm RB715F Datasheet HTML 3Page - Rohm RB715F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB715F
Diodes
Rev.B
1/3
Shottky barrier diode
RB715F
Application
External dimensions (Unit : mm)
Lead size figure (Unit : mm)
Low current rectification
Features
1) Small mold type. (UMD3)
2) Low VF
3) High reliability.
Construction
Structure
JEITA : SC-70
JEDEC : SOT-323
dot (year week factory)
ROHM : UMD3
2.0±0.2
0.3±0.1
各リードとも
同寸法
(3)
1.3±0.1
(0.65)
(0.65)
(2)
(1)
0.15±0.05
0.9±0.1
0.7±0.1
0~0.1
Each lead has same dimension
UMD3
0.8MIN.
0.65
1.3
Silicon epitaxial planer
Taping dimensions (Unit : mm)
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ0.5±0.05
2.25±0.1
     0
1.25±0.1
0.3±0.1
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
Io
mA
IFSM
mA
Tj
Tstg
Electrical characteristics (Ta=25
°C)
Storage temperature
-40 to +125
*1)Rating of per diode
ward current surge peak (60Hz
・1cyc) (*1)
200
ion temperature
125
everse voltage (DC)
40
verage rectified forward current
30
Parameter
Limits
everse voltage (repetitive peak)
40
R
R
A
For
Junct
(
Symbol
Min.
Typ.
Max.
Unit
VF
--
0.37
V
IF=1mA
IR
--
1
µA
VR=10V
Ct
-
2.0
-
pF
VR=1V f=1MHz
Conditions
Capacitance between terminals
ent
Parameter
orward voltage
F
Reverse curr


Numéro de pièce similaire - RB715F

FabricantNo de pièceFiches techniqueDescription
logo
TRANSYS Electronics Lim...
RB715F TEL-RB715F Datasheet
64Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
RB715F BILIN-RB715F Datasheet
382Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
Shottky barrier diode
logo
Rohm
RB715F ROHM-RB715F Datasheet
172Kb / 4P
Shottky barrier diode
logo
Micro Commercial Compon...
RB715F MCC-RB715F Datasheet
177Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
More results

Description similaire - RB715F

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com