Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC56F81663 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce MC56F81663
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button MC56F81663 Datasheet HTML 30Page - NXP Semiconductors MC56F81663 Datasheet HTML 31Page - NXP Semiconductors MC56F81663 Datasheet HTML 32Page - NXP Semiconductors MC56F81663 Datasheet HTML 33Page - NXP Semiconductors MC56F81663 Datasheet HTML 34Page - NXP Semiconductors MC56F81663 Datasheet HTML 35Page - NXP Semiconductors MC56F81663 Datasheet HTML 36Page - NXP Semiconductors MC56F81663 Datasheet HTML 37Page - NXP Semiconductors MC56F81663 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
a
Part number code, refer to the "Part identification" section.
For example, in 48LQFP package, the last digit 'V' stands for
VLF.
m
Mask set
y
Work year
w
Work week
x
NXP internal use
8 Terminology and guidelines
8.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
8.1.1 Example
This is an example of an operating requirement:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
8.2 Definition: Operating behavior
Unless otherwise specified, an operating behavior is a specified value or range of values
for a technical characteristic that are guaranteed during operation if you meet the
operating requirements and any other specified conditions.
8.2.1 Example
This is an example of an operating behavior:
Terminology and guidelines
MC56F81xxx, Rev. 1.1, 12/2020
34
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73