| Moteur de recherche de fiches techniques de composants électroniques |
|
MC56F81663 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MC56F81663 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 73 page ![]() Table 4. Part numbers Part Number Flash Size Operating Temperature Package MC56F81768VLH 128 KB -40 to 105 ℃ 64 LQFP MC56F81748VLH 64 KB -40 to 105 ℃ 64 LQFP MC56F81766VLF 128 KB -40 to 105 ℃ 48 LQFP MC56F81746VLF 64 KB -40 to 105 ℃ 48 LQFP MC56F81763VLC 128 KB -40 to 105 ℃ 32 LQFP MC56F81743VLC 64 KB -40 to 105 ℃ 32 LQFP MC56F81763VFM 128 KB -40 to 105 ℃ 32 QFN MC56F81743VFM 64 KB -40 to 105 ℃ 32 QFN MC56F81668VLH 128 KB -40 to 105 ℃ 64 LQFP MC56F81648VLH 64 KB -40 to 105 ℃ 64 LQFP MC56F81666VLF 128 KB -40 to 105 ℃ 48 LQFP MC56F81646VLF 64 KB -40 to 105 ℃ 48 LQFP MC56F81663VLC 128 KB -40 to 105 ℃ 32 LQFP MC56F81643VLC 64 KB -40 to 105 ℃ 32 LQFP MC56F81768MLH 128 KB -40 to 125 ℃ 64 LQFP MC56F81748MLH 64 KB -40 to 125 ℃ 64 LQFP MC56F81766MLF 128 KB -40 to 125 ℃ 48 LQFP MC56F81746MLF 64 KB -40 to 125 ℃ 48 LQFP 6 Part identification 6.1 Description Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received. 6.2 Format Part numbers for this device have the following format: Q 56F8 1 C F P T PP N 6.3 Fields This table lists the possible values for each field in the part number (not all combinations are valid): Part identification MC56F81xxx, Rev. 1.1, 12/2020 32 NXP Semiconductors |